Part Number Hot Search : 
LOGIC 244APA TA170 223254 D1300 MB15E03 SF18S 382008
Product Description
Full Text Search
 

To Download TCS230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 t
t
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
D High-Resolution Conversion of Light D D D D D D D
Intensity to Frequency Programmable Color and Full-Scale Output Frequency Communicates Directly With a Microcontroller Single-Supply Operation (2.7 V to 5.5 V) Power Down Feature Nonlinearity Error Typically 0.2% at 50 kHz Stable 200 ppm/C Temperature Coefficient Low-Profile Surface-Mount Package
SO 1 S1 2 OE 3 GND 4
SOIC PACKAGE (TOP VIEW)
8 S3 7 S2 6 OUT 5 VDD
Description
The TCS230 programmable color light-to-frequency converter combines configurable silicon photodiodes and a current-to-frequency converter on single monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity (irradiance). The full-scale output frequency can be scaled by one of three preset values via two control input pins. Digital inputs and digital output allow direct interface to a microcontroller or other logic circuitry. Output enable (OE) places the output in the high-impedance state for multiple-unit sharing of a microcontroller input line. The light-to-frequency converter reads an 8 x 8 array of photodiodes. Sixteen photodiodes have blue filters, 16 photodiodes have green filters, 16 photodiodes have red filters, and 16 photodiodes are clear with no filters. The four types (colors) of photodiodes are interdigitated to minimize the effect of non-uniformity of incident irradiance. All 16 photodiodes of the same color are connected in parallel and which type of photodiode the device uses during operation is pin-selectable. Photodiodes are 120 m x 120 m in size and are on 144-m centers.
Functional Block Diagram
Output Light Photodiode Array Current-to-Frequency Converter
S2
S3
S0
S1
OE
The LUMENOLOGYr Company
t
Copyright E 2003, TAOS Inc.
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205 S Plano, TX 75074 S (972) 673-0759 t
www.taosinc.com 1
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
Terminal Functions
TERMINAL NAME GND OE OUT S0, S1 S2, S3 VDD NO. 4 3 6 1, 2 7, 8 5 I O I I I/O DESCRIPTION Power supply ground. All voltages are referenced to GND. Enable for fo (active low). Output frequency (fo). Output frequency scaling selection inputs. Photodiode type selection inputs. Supply voltage
Table 1. Selectable Options
S0 L L H H S1 L H L H OUTPUT FREQUENCY SCALING (fo) Power down 2% 20% 100% S2 L L H H S3 L H L H PHOTODIODE TYPE Red Blue Clear (no filter) Green
Available Options
DEVICE TCS230 TA -25C to 85 C PACKAGE - LEADS SOIC-8 PACKAGE DESIGNATOR D ORDERING NUMBER TCS230D
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V Input voltage range, all inputs, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Operating free-air temperature range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C Storage temperature range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25C to 85C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
Recommended Operating Conditions
MIN Supply voltage, VDD High-level input voltage, VIH Low-level input voltage, VIL Operating free-air temperature range, TA VDD = 2.7 V to 5.5 V VDD = 2.7 V to 5.5 V 2.7 2 0 0 NOM 5 MAX 5.5 VDD 0.8 70 UNIT V V V C
Copyright E 2003, TAOS Inc.
t
The LUMENOLOGYr Company
t
2
www.taosinc.com
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
Electrical Characteristics at TA = 25C, VDD = 5 V (unless otherwise noted)
PARAMETER VOH VOL IIH IIL IDD High-level output voltage Low-level output voltage High-level input current Low-level input current Power-on mode Supply current Power-down mode S0 = H, S1 = H Full scale Full-scale frequency (See Note 2) Temperature coefficient of output frequency kSVS Supply voltage sensitivity S0 = H, S1 = L S0 = L, S1 = H 700 nm, -25C TA 70C VDD = 5 V 10% 500 100 10 2 7 600 120 12 200 0.5 TEST CONDITIONS IOH = -4 mA IOL = 4 mA MIN 4 TYP 4.5 0.25 0.40 5 5 3 15 MAX UNIT V V A A mA A kHz kHz kHz ppm/C %/V
NOTE 2: Full-scale frequency is the maximum operating frequency of the device without saturation.
The LUMENOLOGYr Company
t
Copyright E 2003, TAOS Inc.
t
www.taosinc.com
3
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
Operating Characteristics at VDD = 5 V, TA = 25C, S0 = H, S1 = H (unless otherwise noted) (See Notes 3, 4, 5, 6, and 7).
PARAMETER TEST CONDITIONS Ee = 45.6 W/cm2, p = 470 nm fO Output frequency Ee = 39.2 W/cm2, p = 524 nm Ee = 32.8 p = 635 nm Ee = 0 p = 470 nm Re Irradiance p = 524 nm responsivity p = 565 nm (Note 8) p = 635 nm p = 470 nm Saturation Irradiance (Note 9) p = 524 nm p = 565 nm p = 635 nm p = 470 nm Rv Illuminance p = 524 nm responsivity p = 565 nm (Note 10) p = 635 nm fO = 0 to 5 kHz Nonlinearity f = 0 to 50 kHz O (Note 11) fO = 0 to 500 kHz Recovery from power down Response time to output enable (OE) W/cm2, CLEAR PHOTODIODE S2 = H, S3 = L MIN 16 16 16 TYP 20 20 20 2 439 510 548 610 1370 1180 1090 980 585 98 92 407 0.1% 0.2% 0.5% 100 480 36 8 20 0.1% 0.2% 0.5% 100 117 67 53 25 0.1% 0.2% 0.5% 100 MAX 24 24 24 12 2 360 189 49 30 1670 1730 1890 1040 41 9 18 386 0.1% 0.2% 0.5% 100 % F.S. % F.S. % F.S. s Hz/ lx W/ cm2 12 2 88 347 318 37 12 BLUE PHOTODIODE S2 = L, S3 = H MIN 11.2 TYP 16.4 MAX 21.6 8 13.6 19.2 14 19 2 31 46 110 579 Hz/ (W/ ( W/ cm2) 24 12 GREEN PHOTODIODE S2 = H, S3 = H MIN TYP MAX RED PHOTODIODE S2 = L, S3 = L MIN TYP MAX kHz kHz kHz Hz UNIT
100
100
100
100
ns
NOTES: 3. Optical measurements are made using small-angle incident radiation from a light-emitting diode (LED) optical source. 4. The 470 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: peak wavelength p = 470 nm, spectral halfwidth 1/2 = 35 nm, and luminous efficacy = 75 lm/W. 5. The 524 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: peak wavelength p = 524 nm, spectral halfwidth 1/2 = 47 nm, and luminous efficacy = 520 lm/W. 6. The 565 nm input irradiance is supplied by a GaP light-emitting diode with the following characteristics: peak wavelength p = 565 nm, spectral halfwidth 1/2 = 28 nm, and luminous efficacy = 595 lm/W. 7. The 635 nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics: peak wavelength p = 635 nm, spectral halfwidth 1/2 = 17 nm, and luminous efficacy = 150 lm/W. 8. Irradiance responsivity Re is characterized over the range from zero to 5 kHz. 9. Saturation irradiance = (full-scale frequency)/(irradiance responsivity). 10. Illuminance responsivity Rv is calculated from the irradiance responsivity by using the LED luminous efficacy values stated in notes 4, 5, and 6 and using 1 lx = 1 lm/m2. 11. Nonlinearity is defined as the deviation of fO from a straight line between zero and full scale, expressed as a percent of full scale.
Copyright E 2003, TAOS Inc.
t
The LUMENOLOGYr Company
t
4
www.taosinc.com
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
TYPICAL CHARACTERISTICS
PHOTODIODE SPECTRAL RESPONSIVITY
1 0.9 0.8 Relative Responsivity
Green Green Blue Clear
PHOTODIODE SPECTRAL RESPONSIVITY WITH EXTERNAL HOYA CM500 FILTER
1 0.9 0.8 Normalized to Clear @ 530 nm TA = 25C
Blue
Normalized to Clear @ 680 nm
Red
Clear
Green
TA = 25C Relative Responsivity 0.7 0.6 0.5 0.4 0.3 0.2
Blue Red
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 300
0.1 0 300
500
700 900 - Wavelength - nm
1100
500
700 900 - Wavelength - nm
1100
Figure 1
Figure 2
The LUMENOLOGYr Company
t
Copyright E 2003, TAOS Inc.
t
www.taosinc.com
5
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
APPLICATION INFORMATION Power supply considerations
Power-supply lines must be decoupled by a 0.01-F to 0.1-F capacitor with short leads mounted close to the device package.
Input interface
A low-impedance electrical connection between the device OE pin and the device GND pin is required for improved noise immunity.
Output interface
The output of the device is designed to drive a standard TTL or CMOS logic input over short distances. If lines greater than 12 inches are used on the output, a buffer or line driver is recommended.
Photodiode type (color) selection
The type of photodiode (blue, green, red, or clear) used by the device is controlled by two logic inputs, S2 and S3 (see Table 1).
Output frequency scaling
Output-frequency scaling is controlled by two logic inputs, S0 and S1. The internal light-to-frequency converter generates a fixed-pulsewidth pulse train. Scaling is accomplished by internally connecting the pulse-train output of the converter to a series of frequency dividers. Divided outputs are 50%-duty cycle square waves with relative frequency values of 100%, 20%, and 2%. Because division of the output frequency is accomplished by counting pulses of the principal internal frequency, the final-output period represents an average of the multiple periods of the principle frequency. The output-scaling counter registers are cleared upon the next pulse of the principal frequency after any transition of the S0, S1, S2, S3, and OE lines. The output goes high upon the next subsequent pulse of the principal frequency, beginning a new valid period. This minimizes the time delay between a change on the input lines and the resulting new output period. The response time to an input programming change or to an irradiance step change is one period of new frequency plus 1 S. The scaled output changes both the full-scale frequency and the dark frequency by the selected scale factor. The frequency-scaling function allows the output range to be optimized for a variety of measurement techniques. The scaled-down outputs may be used where only a slower frequency counter is available, such as low-cost microcontroller, or where period measurement techniques are used.
Measuring the frequency
The choice of interface and measurement technique depends on the desired resolution and data acquisition rate. For maximum data-acquisition rate, period-measurement techniques are used. Output data can be collected at a rate of twice the output frequency or one data point every microsecond for full-scale output. Period measurement requires the use of a fast reference clock with available resolution directly related to reference clock rate. Output scaling can be used to increase the resolution for a given clock rate or to maximize resolution as the light input changes. Period measurement is used to measure rapidly varying light levels or to make a very fast measurement of a constant light source. Maximum resolution and accuracy may be obtained using frequency-measurement, pulse-accumulation, or integration techniques. Frequency measurements provide the added benefit of averaging out random- or high-frequency variations (jitter) resulting from noise in the light signal. Resolution is limited mainly by available counter registers and allowable measurement time. Frequency measurement is well suited for slowly varying or constant light levels and for reading average light levels over short periods of time. Integration (the accumulation of pulses over a very long period of time) can be used to measure exposure, the amount of light present in an area over a given time period.
Copyright E 2003, TAOS Inc. t
The LUMENOLOGYr Company
t
6
www.taosinc.com
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
MECHANICAL INFORMATION
PACKAGE D
5.1 + 0.10
PLASTIC SMALL-OUTLINE PACKAGE
8
7
6
5
4.1 + 0.12
7.3 + 0.20
A
1
2y 0.65 + 0.10 6y 1.27 + 0.10
2
3
4
DETAIL A
8y 0.175 + 0.175 0.215 + 0.035 1.8 + 0.200 8y 0.65 + 0.12
3.55 + 3.55 - 75 0.825 + 0.425 NOTES: A. All linear dimensions are in millimeters. B. Package is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55. C. Actual product will vary within the mechanical tolerances shown on this specification. Designs for use of this product MUST allow for the data sheet tolerances. D. Pin 4 (GND) is mechanically connected to the die mount pad. E. The 8 x 8 photodiode array area is 1.15 mm x 1.15 mm (1.33 sq. mm). F. This drawing is subject to change without notice.
Figure 3. TCS230 Mechanical Specifications
The LUMENOLOGYr Company
t
Copyright E 2003, TAOS Inc.
t
www.taosinc.com
7
TCS230 PROGRAMMABLE COLOR LIGHT TO FREQUENCY CONVERTER
TAOS046 - JANUARY 2003
PRODUCTION DATA -- information in this document is current at publication date. Products conform to specifications in accordance with the terms of Texas Advanced Optoelectronic Solutions, Inc. standard warranty. Production processing does not necessarily include testing of all parameters.
NOTICE
Texas Advanced Optoelectronic Solutions, Inc. (TAOS) reserves the right to make changes to the products contained in this document to improve performance or for any other purpose, or to discontinue them without notice. Customers are advised to contact TAOS to obtain the latest product information before placing orders or designing TAOS products into systems. TAOS assumes no responsibility for the use of any products or circuits described in this document or customer product design, conveys no license, either expressed or implied, under any patent or other right, and makes no representation that the circuits are free of patent infringement. TAOS further makes no claim as to the suitability of its products for any particular purpose, nor does TAOS assume any liability arising out of the use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS, INC. PRODUCTS ARE NOT DESIGNED OR INTENDED FOR USE IN CRITICAL APPLICATIONS IN WHICH THE FAILURE OR MALFUNCTION OF THE TAOS PRODUCT MAY RESULT IN PERSONAL INJURY OR DEATH. USE OF TAOS PRODUCTS IN LIFE SUPPORT SYSTEMS IS EXPRESSLY UNAUTHORIZED AND ANY SUCH USE BY A CUSTOMER IS COMPLETELY AT THE CUSTOMER'S RISK.
LUMENOLOGY is a registered trademark, and TAOS, the TAOS logo, and Texas Advanced Optoelectronic Solutions are trademarks of Texas Advanced Optoelectronic Solutions Incorporated.
Copyright E 2003, TAOS Inc.
t
The LUMENOLOGYr Company
t
8
www.taosinc.com


▲Up To Search▲   

 
Price & Availability of TCS230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X